Part Number Hot Search : 
93100 OF27GJE 493968 PCIB40 43650 RB1212 65PQ015 TC8835AN
Product Description
Full Text Search
 

To Download FMS6145MTC14X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
December 2006
FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
Features
Five 4th-order 8MHz (SD) filters Drives single, AC- or DC-coupled, video loads (2Vpp, 150) Drives dual, AC- or DC-coupled, video loads (2Vpp, 75) Transparent input clamping AC- or DC-coupled inputs AC- or DC-coupled outputs DC-coupled outputs eliminate AC-coupling capacitors 5V only Robust 8kV ESD protection Lead-free TSSOP-14 package
Description
The FMS6145 Low-Cost Video Filter (LCVF) is intended to replace passive LC filters and drivers with a low-cost integrated device. Five 4th-order filters provide improved image quality compared to typical 2nd or 3rd-order passive solutions. The FMS6145 may be directly driven by a DC-coupled DAC output or an AC-coupled signal. Internal diode clamps and bias circuitry may be used if AC-coupled inputs are required (see Applications section for details). The outputs can drive AC- or DC-coupled single (150) or dual (75) loads. DC coupling the outputs removes the need for output coupling capacitors. The input DC levels are offset approximately +280mV at the output (see Applications section for details).
Applications
Cable set-top boxes Satellite set-top boxes DVD players HDTV Personal Video Recorders (PVR) Video On Demand (VOD)
Functional Block Diagram
IN1
Transparent Clamp
6dB
OUT1
IN2
Transparent Clamp
6dB
OUT2
IN3
Transparent Clamp
6dB
OUT3
IN4
Transparent Clamp
6dB
OUT4
IN5
Transparent Clamp
6dB
OUT5
8MHz, 4th order
Ordering Information
Part Number
FMS6145MTC14 FMS6145MTC14X
Package
TSSOP-14 TSSOP-14
Pb-Free
Yes Yes
Operating Temperture Range
-40C to +85C -40C to +85C
Packaging Method
Tube Tape and Reel
(c) 2006 Fairchild Semiconductor Corporation FMS6145 Rev. 2.0.4
www.fairchildsemi.com
FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
Pin Configuration
IN1 IN2 IN3
1 2 3 4 5 6 7
14
OUT1 OUT2
FMS6145 14-pin TSSOP
13 12 11 10 9 8
OUT3 GND
VCC IN4 IN5 NC
OUT4 OUT5 NC
Pin Assignments
Pin #
1 2 3 4 5 6 7, 8 9 10 11 12 13 14
Name
IN1 IN2 IN3 VCC IN4 IN5 NC OUT5 OUT4 GND OUT3 OUT2 OUT1
Type
Input Input Input Input Input Input Video input, channel 1 Video input, channel 2 Video input, channel 3 +5V supply, do not float Video input, channel 4 Video input, channel 5 No Connect Output Output Output Output Output Output Filtered video output, channel 5 Filtered video output, channel 4
Description
Must be tied to ground, do not float Filtered video output, channel 3 Filtered video output, channel 2 Filtered video output, channel 1
(c) 2006 Fairchild Semiconductor Corporation FMS6145 Rev. 2.0.4
www.fairchildsemi.com 2
FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
Absolute Maximum Ratings
The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table defines the conditions for actual device operation. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if recommended operating conditions are not exceeded.
Parameter
DC Supply Voltage Analog and Digital I/O Output Channel - Any One Channel (Do Not Exceed)
Min.
-0.3 -0.3
Max.
6 VCC + 0.3 50
Unit
V V mA
Reliability Information
Symbol
TJ TSTSG TL JA
Parameter
Junction Temperature Storage Temperature Range Lead Temperature (Soldering, 10s) Thermal Resistance, JEDEC Standard Multi-layer Test Boards, Still Air
Min.
-65
Typ.
Max.
150 +150 300
Unit
C C C C/W
90
Recommended Operating Conditions
Symbol
TA VCC VCC Range
Parameter
Operating Temperature Range
Min.
-40 +4.75
Typ.
+5.0
Max.
+85 +5.25
Unit
C V
(c) 2006 Fairchild Semiconductor Corporation FMS6145 Rev. 2.0.4
www.fairchildsemi.com 3
FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
DC Electrical Characteristics
TA = 25C, VCC = 5V, RSOURCE = 37.5; all inputs are AC-coupled with 0.1F; all outputs are AC coupled with 220F into 150 loads; unless otherwise noted.
Symbol
ICC VIN PSRR
Parameter
Supply Current
(1)
Conditions
FMS6145 (No Load) Referenced to GND if DC-coupled DC (All Channels)
Min. Typ. Max. Units
30 1.4 -50 46 mA Vpp dB
Video Input Voltage Range Power Supply Rejection
Notes: 1.100% tested at 25C.
AC Electrical Characteristics
TA = 25C, VIN = 1Vpp, VCC = 5V, RSOURCE = 37.5; all inputs are AC coupled with 0.1F; all outputs are AC-coupled with 220F into 150 loads; unless otherwise noted.
Symbol
AV f1dB fc fSB dG d THD XTALK SNR tpd
Parameter
Channel Gain
(1) (1)
Conditions
All Channels All Channels All Channels All Channels at f = 27MHz All Channels All Channels VOUT = 1.8Vpp, 1MHz at 1MHz All Channels, NTC-7 Weighting: 100kHz to 4.2MHz Delay from Input-to-Output, 4.5MHz
Min. Typ. Max. Units
5.6 4.5 6.0 6.7 7.9 48 0.3 0.6 0.4 -60 75 59 6.6 dB MHz MHz dB % % dB dB ns
-1dB Bandwidth -3dB Bandwidth
Attenuation (Stopband Reject) Differential Gain Differential Phase Output Distortion (All Channels) Crosstalk (Channel-to-Channel) Signal-to-Noise Ratio Propagation Delay
Notes: 1.100% tested at 25C.
(c) 2006 Fairchild Semiconductor Corporation FMS6145 Rev. 2.0.4
www.fairchildsemi.com 4
FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
Typical Performance Characteristics
TA = 25C, VCC = 5V, RSOURCE = 37.5; all inputs AC coupled with 0.1F; all outputs are AC coupled with 220F into 150 loads; unless otherwise noted.
5 0 -5 -10 -15 -20 -25 -30 -35 -40 -45 -50 -55
2 1
50 40 30 20
Normalized Gain (dB)
Delay (ns)
10 0 -10 -20 -30 -40
1
Mkr Frequency Ref 400kHz 1 6.68MHz 2 7.87MHz 3 27MHz
Gain 6dB -1dB BW -3dB BW -48.66dB 3
1 = 8.2MHz (14.78ns)
-50 30 400kHz 5 10 15 20 25 30
400kHz
5
10
15
20
25
Frequency (MHz)
Frequency (MHz)
Figure 1. Frequency Response
-60 -70
Figure 2. Group Delay vs. Frequency
0.2 0.1
NTSC
Differential Gain (%)
-80
0 -0.1 -0.2 -0.3 -0.4 -0.5
Min = -0.31 Max = 0.03 ppMax = 0.34
Noise (dB)
-90 -100 -110 -120 -130 400kHz 1 2 3 4 5 6
1st
2nd
3rd
4th
5th
6th
Frequency (MHz)
Figure 3. Noise vs. Frequency
1.0
Figure 4. Differential Gain
Differential Phase (deg)
0.8 0.6 0.4 0.2 0 -0.2 -0.4
NTSC
Min = 0.00 Max = 0.63 ppMax = 0.63
1st
2nd
3rd
4th
5th
6th
Figure 5. Differential Phase
(c) 2006 Fairchild Semiconductor Corporation FMS6145 Rev. 2.0.4
www.fairchildsemi.com 5
FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
Typical Application Diagrams
The following circuit may be used for direct DC-coupled drive by DACs with an output voltage range of 0V to 1.4V. AC-coupled or DC-coupled outputs may be used with AC-coupled outputs, offering slightly lower power dissipation.
DVD Player or STB
0.1 F 1.0 F
+5V
1 ROUT 2 IN1 OUT1
14
75
220F
75 Video Cables
R
75
13 GOUT IN2 OUT2
75
220F
G
75
3 BOUT IN3
FMS6145 14L TSSOP
OUT3
12
75
220F
B
75
Video SoC
YOUT
4 VCC GND
11
5 IN4 OUT4
10
75
220F
75 Video Cables
Y
75
6 COUT IN5 OUT5
9
75
220F
C
75
7 NC NC
8
DAC load resistors AC coupling caps per SoC specifications. are optional.
Figure 6. Typical Application Diagram
(c) 2006 Fairchild Semiconductor Corporation FMS6145 Rev. 2.0.4
www.fairchildsemi.com 6
FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
Application Information
Application Circuits
The FMS6145 Low Cost Video Filter (LCVF) provides 6dB gain from input to output. In addition, the input is slightly offset to optimize the output driver performance. The offset is held to the minimum required value to decrease the standing DC-current into the load. Typical voltage levels are shown in the diagram below:
1.0 -> 1.02V 0.65 -> 0.67V 0.3 -> 0.32V 0.0 -> 0.02V VIN
0V - 1.4V
0.65V
75
Video Cables
LOAD2 (optional)
75
YIN
Driver
LOAD1
YOUT
75
Video Cables
75
Figure 8. Input Clamp Circuit
I/O Configurations
For a DC-coupled DAC drive with DC-coupled outputs, use the configuration in Figure 9.
2.28V 1.58V 0.88V 0.28V VOUT
Driven by: DC-Coupled DAC Outputs AC-Coupled and Clamped Y, CV, R, G, B
DVD or STB SoC DAC Output
LCVF Clamp Inactive
75
There is a 280mV offset from the DC input level to the DC output level. VOUT = 2 * VIN + 280mV.
Figure 9. DC-Coupled Inputs and Outputs
0.85V 0.5V 0.15V VIN 1.98V 1.28V 0.58V VOUT
0V - 1.4V
Alternatively, if the DAC's average DC output level causes the signal to exceed the range of 0V to 1.4V, it can be AC coupled as shown in FIgure 10.
Driven by: AC-Coupled and Biased U, V, Pb, Pr, C
DVD or STB SoC DAC Output
0.1
LCVF Clamp Active
75
Figure 7. Typical Voltage Levels The FMS6145 provides an internal diode clamp to support AC-coupled input signals. If the input signal does not go below ground, the input clamp does not operate. This allows DAC outputs to directly drive the FMS6145 without an AC coupling capacitor. When the input is AC coupled, the diode clamp sets the sync tip (or lowest voltage) just below ground. The worst-case sync tip compression due to the clamp cannot exceed 7mV. The input level set by the clamp, combined with the internal DC offset, keeps the output within its acceptable range. For symmetric signals like Chroma, U, V, Pb, and Pr, the average DC bias is fairly constant and the inputs can be AC coupled with the addition of a pull-up resistor to set the DC input voltage. DAC outputs can also drive these same signals without the AC coupling capacitor. A conceptual illustration of the input clamp circuit is shown in Figure 8. Figure 10. AC-Coupled Inputs, DC-Coupled Outputs When the FMS6145 is driven by an unknown external source or a SCART switch with its own clamping circuitry, the inputs should be AC coupled as shown in Figure 11.
0V - 1.4V 0.1
External video source must be AC coupled
75
LCVF Clamp Active
75
Figure 11. SCART with DC-Coupled Outputs
(c) 2006 Fairchild Semiconductor Corporation FMS6145 Rev. 2.0.4
www.fairchildsemi.com 7
FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
The same method can be used for biased signals, with the addition of a pull-up resistor to make sure the clamp never operates. The internal pull-down resistance is 800k 20%, so the external resistance should be 7.5M to set the DC level to 500mV; as shown in Figure 12.
External video source must be AC coupled
External video source must be AC coupled
0V - 1.4V 0.1
LCVF Clamp Active
75
220
75
7.5M 0.1
LCVF Bias Input
75
Figure 15. Biased SCART with AC-Coupled Outputs Note: The video tilt or line time distortion is dominated by the AC-coupling capacitor. The value may need to be increased beyond 220F to obtain satisfactory operation in some applications.
75
500mV +/-350mV
Figure 12. Biased SCART with DC-Coupled Outputs The same circuits can be used with AC-coupled outputs if desired.
0V - 1.4V 0.1 220
Power Dissipation
The FMS6145 output drive configuration must be considered when calculating overall power dissipation. Care must be taken not to exceed the maximum die junction temperature. The following example can be used to calculate the FMS6146's power dissipation and internal temperature rise. Tj = TA + Pd * qJA where: Pd = PCH1 + PCH2 + PCH3 and PCHx = VCC * ICH - (VO /RL)
2
DVD or STB SoC DAC Output
LCVF Clamp Active
75
EQ. 1 EQ. 2 EQ. 3 EQ. 4 EQ. 5
where: VO = 2VIN + 0.280V ICH = (ICC/3) + (VO/RL) Figure 13. DC-Coupled Inputs, AC-Coupled Outputs
0V - 1.4V
VIN = RMS value of input signal ICC = 30mA VCC = 5V RL = channel load resistance
DVD or STB SoC DAC Output
0.1
LCVF Clamp Active
75
220
Board layout can also affect thermal characteristics. Refer to the Layout Considerations section for details. The FMS6145 is specified to operate with output currents typically less than 50mA, more than sufficient for a dual (75) video load. Internal amplifiers are current limited to a maximum of 100mA and should withstand brief-duration short-circuit conditions; this capability is not guaranteed.
Figure 14. AC-Coupled Inputs and Outputs
Layout Considerations
General layout and supply bypassing play major roles in high-frequency performance and thermal characteristics. Fairchild offers a demonstration board, FMS6145DEMO, to guide layout and aid device testing and characterization. The FMS6145DEMO is a four-layer board with full power and ground planes. Following this layout configuration provides the optimum performance and thermal characteristics. For optimum results, follow the guidelines below as a basis for high-frequency layout:
Include 1F and 0.1F ceramic bypass capacitors. Place the 1F capacitor within 0.75 inches of the
power pin.
Place the 0.1F capacitor within 0.1 inches of the
power pin.
For multi-layer boards, use a large ground plane to help
dissipate heat.
For two-layer boards, use a ground plane that extends
beyond the device by at least 0.5 inches.
Minimize all trace lengths to reduce series inductances.
(c) 2006 Fairchild Semiconductor Corporation FMS6145 Rev. 2.0.4
www.fairchildsemi.com 8
FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
Mechanical Dimensions
Dimensions are in millimeters unless otherwise noted.
Figure 16. TSSOP-14 Package
(c) 2006 Fairchild Semiconductor Corporation FMS6145 Rev. 2.0.4
www.fairchildsemi.com 9
FMS6145 Low-Cost Five-Channel 4th-Order Standard Definition Video Filter Driver
(c) 2006 Fairchild Semiconductor Corporation FMS6145 Rev. 2.0.4
www.fairchildsemi.com 10


▲Up To Search▲   

 
Price & Availability of FMS6145MTC14X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X